PART |
Description |
Maker |
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
VRD1A1DLTX VRD1A1ELTX VRD1A25LTX VRD1A2FLTX VRD1A2 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with Dual output
|
AnaSem Hong Kong Limited
|
A8188SLT A8188SL 8188 A8188SL-XX A8188SLT-31 A8188 |
3.1 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 LOW-DROPOUT REGULATORS . HIGH EFFICIENCY LOW-DROPOUT REGULATORS - HIGH EFFICIENCY
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
8205 A8205SLH A8205SLH-XX A8205SLH-ADJ A8205SLH-3. |
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY LOW-DROPOUT REGULATORS - HIGH EFFICIENCY 低压差稳压器-高效 2 V-6.8 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
AD7228TE AD7228TQ/883B AD7228UQ/883B AD7228KN/ AD7 |
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 8-Bit Digital-to-Analog Converter 8位数字到模拟转换
|
Omron Electronics LLC Industrial Automation Microsemi, Corp.
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX8511 MAX8512 MAX8510 MAX8510_06 MAX8510EXK12T M |
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5 3.1 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|